Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK240LFL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SK240LFL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SK240LFL
Download  SK240LFL Download
File Size   295.63 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 2A Schottky Barrier Rectifiers

SK240LFL Datasheet (PDF)

Go To PDF Page Download Datasheet
SK240LFL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SK240LFL
Download  SK240LFL Click to download

File Size   295.63 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 2A Schottky Barrier Rectifiers

SK240LFL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SK240LFL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
40V, 2A Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SK240LFL

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
logo
Torex Semiconductor
XBS204S17 TOREX-XBS204S17 Datasheet
77Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
logo
Frontier Electronics.
SR202 FRONTIER-SR202 Datasheet
126Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
logo
Torex Semiconductor
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS204S17-12 TOREX-XBS204S17-12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
logo
Frontier Electronics.
SB2150 FRONTIER-SB2150 Datasheet
423Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SBS24 TSC-SBS24 Datasheet
222Kb / 4P
2A, 40V - 60V Schottky Bridge Rectifiers
logo
Frontier Electronics.
FM240-MH1-THRU-FM2200-MH1 FRONTIER-FM240-MH1-THRU-FM2200-MH1 Datasheet
609Kb / 3P
2A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
logo
SeCoS Halbleitertechnol...
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
40V, 2A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS24LW TSC-SS24LW Datasheet
201Kb / 4P
2A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com