Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK340LFL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SK340LFL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SK340LFL
Download  SK340LFL Download
File Size   297.96 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 3A Schottky Barrier Rectifiers

SK340LFL Datasheet (PDF)

Go To PDF Page Download Datasheet
SK340LFL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SK340LFL
Download  SK340LFL Click to download

File Size   297.96 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 3A Schottky Barrier Rectifiers

SK340LFL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SK340LFL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK340LHT SECOS-SK340LHT Datasheet
297Kb / 2P
40V, 3A Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SK340LFL

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3S4M SHINDENGEN-D3S4M Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (40V 3A)
DE3S4M SHINDENGEN-DE3S4M Datasheet
577Kb / 10P
Schottky Rectifiers (SBD) (40V 3A)
logo
Torex Semiconductor
XBS304S17 TOREX-XBS304S17 Datasheet
77Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
logo
Torex Semiconductor
XBS304S19R TOREX-XBS304S19R_12 Datasheet
109Kb / 4P
Schottky Barrier Diode, 3A, 40V Type
XBS304S17-12 TOREX-XBS304S17-12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
XBS304S19R-12 TOREX-XBS304S19R-12 Datasheet
109Kb / 4P
Schottky Barrier Diode, 3A, 40V Type
XBS304F11R-G TOREX-XBS304F11R-G Datasheet
223Kb / 5P
Schottky Barrier Diode, 3A, 40V Type
logo
SeCoS Halbleitertechnol...
SK340LHT SECOS-SK340LHT Datasheet
297Kb / 2P
40V, 3A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS34LW TSC-SS34LW Datasheet
201Kb / 4P
3A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com