Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP392TR1 Datasheet (PDF) - Vishay Siliconix

TSOP392TR1 Datasheet PDF - Vishay Siliconix
Part # TSOP392TR1
Download  TSOP392TR1 Download
File Size   608.45 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Modules for Remote Control Systems

TSOP392TR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSOP392TR1 Datasheet PDF - Vishay Siliconix

Part # TSOP392TR1
Download  TSOP392TR1 Click to download

File Size   608.45 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Modules for Remote Control Systems

TSOP392TR1 Datasheet (HTML) - Vishay Siliconix


TSOP392TR1 Product details

• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Two lenses for high sensitivity
• Insensitive to supply voltage ripple and noise
• Ultra low 2.6 mm profile
• Winged for mounting within PCB cutout
• Compatible with reflow soldering




Similar Part No. - TSOP392TR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP392 VISHAY-TSOP392 Datasheet
484Kb / 21P
0IR Receiver Modules for Remote Control Systems
14-Dec-17
TSOP392 VISHAY-TSOP392 Datasheet
212Kb / 8P
IR Receiver Modules for Remote Control Systems
03-Aug-2021
TSOP392.. VISHAY-TSOP392.. Datasheet
212Kb / 8P
IR Receiver Modules for Remote Control Systems
03-Aug-2021
TSOP39230 VISHAY-TSOP39230 Datasheet
500Kb / 21P
IR Receiver Modules for Remote Control Systems
21-Feb-17
TSOP39230 VISHAY-TSOP39230 Datasheet
484Kb / 21P
0IR Receiver Modules for Remote Control Systems
14-Dec-17
More results


Similar Description - TSOP392TR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com