Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA8638NV Datasheet (PDF) - Sanyo Semicon Device

LA8638NV Datasheet PDF - Sanyo Semicon Device
Part # LA8638NV
Download  LA8638NV Download
File Size   162.46 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LA8638NV

LA8638NV Datasheet (PDF)

Go To PDF Page Download Datasheet
LA8638NV Datasheet PDF - Sanyo Semicon Device

Part # LA8638NV
Download  LA8638NV Click to download

File Size   162.46 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LA8638NV

LA8638NV Datasheet (HTML) - Sanyo Semicon Device


LA8638NV Product details

Overview
The LA8638NV provides dynamic range expansion, noise suppression for enhancing the quality of audio signals in cordless telephones and other communications systems. This single chip provides the functions that make it ideal for cordless telephones: a compressor with a logarithmic compression ratio of 1/2, expander with a logarithmic expansion ratio of 2, splatter filter, microphone amplifier, BTL amplifier, waveform shaper for the receiving signal, muting for both receiving and transmitting signals, and standby operation.

Features
• Full processing of baseband signals for both receiving and transmitting signals
• Built-in BTL receiver amplifier for driving a ceramic speaker with a load of 2 kΩ
• Standby operation that conserves battery power during intermittent reception by disabling all but the waveform shaper for the receiving signal
• Built-in splatter filter with user-specified fc
• Low-voltage operation (1.8 V to 5.5 V)

Functions
• Transmitter circuits: compressor, microphone amplifier, limiter (IDC), muting, output level changes to users pecified levels, and splatter filter
• Receiver circuits: expander, buffer amplifier for filters, muting, output level changes to user-specified levels, and BTL amplifier
• Other circuits: waveform shaper for the receiving signal and standby operation




Similar Part No. - LA8638NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
Low-voltage Compander IC for Cordless Telephones
More results






About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com