Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ401 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

KBJ401 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # KBJ401
Download  KBJ401 Download
File Size   201.13 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers

KBJ401 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ401 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # KBJ401
Download  KBJ401 Click to download

File Size   201.13 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers

KBJ401 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


KBJ401 Product details

FEATURES
• Io : 4A
• VRRM : 50~1000V
• Glass passivated chip
• High surge forward current capability

APPLICATIONS
• General purpose 1 phase Bridge rectifier applications




Similar Part No. - KBJ401

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
KBJ401 CHENYI-KBJ401 Datasheet
247Kb / 2P
4Amp glass passivated bridge rectifiers 50to1000 volts
logo
Shenzhen Ping Sheng Ele...
KBJ401 PFS-KBJ401 Datasheet
327Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
Kwang Myoung I.S. CO.,L...
KBJ401 KISEMICONDUCTOR-KBJ401 Datasheet
1Mb / 2P
4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
logo
First Components Intern...
KBJ401 FCI-KBJ401 Datasheet
104Kb / 2P
4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
More results


Similar Description - KBJ401

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBU8A SECOS-KBU8A Datasheet
97Kb / 2P
VOLTAGE 50V ~ 1000V 8AMP Glass Passivated Bridge Rectifiers
D4KB05 SECOS-D4KB05 Datasheet
942Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D8UB05 SECOS-D8UB05 Datasheet
189Kb / 2P
Voltage 50V ~ 1000V 8.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
GBU4005 SECOS-GBU4005 Datasheet
248Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com