Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2878A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC2878A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC2878A
Download  2SC2878A Download
File Size   288.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.3A, 50V NPN Plastic Encapsulated Transistor

2SC2878A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2878A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC2878A
Download  2SC2878A Click to download

File Size   288.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.3A, 50V NPN Plastic Encapsulated Transistor

2SC2878A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SC2878A Product details

FEATURES
• Low On Resistance
• High Emitter-Base Voltage
• High Reverse hFE>30(typ.) VCE= -2V, IC= -4mA.




Similar Part No. - 2SC2878A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2878A TOSHIBA-2SC2878A Datasheet
245Kb / 4P
For Muting and Switching Applications
logo
Jiangsu Changjiang Elec...
2SC2878A JIANGSU-2SC2878A Datasheet
978Kb / 4P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - 2SC2878A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SD2118 SECOS-2SD2118_11 Datasheet
76Kb / 1P
5A , 50V NPN Plastic Encapsulated Transistor
BAS16V SECOS-BAS16V Datasheet
320Kb / 2P
0.3A , 100V Plastic-Encapsulated Transistors
KTA1504 SECOS-KTA1504 Datasheet
58Kb / 1P
-0.15A , -50V PNP Plastic Encapsulated Transistor
MMBT619 SECOS-MMBT619 Datasheet
63Kb / 2P
2A , 50V NPN Plastic Encapsulated Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com