Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663G-E1 Datasheet (PDF) - NEC

UPC1663G-E1 Datasheet PDF - NEC
Part # UPC1663G-E1
Download  UPC1663G-E1 Download
File Size   45.21 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER

UPC1663G-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1663G-E1 Datasheet PDF - NEC

Part # UPC1663G-E1
Download  UPC1663G-E1 Click to download

File Size   45.21 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER

UPC1663G-E1 Datasheet (HTML) - NEC


UPC1663G-E1 Product details

DESCRIPTION

The µPC1663 is a differential input, differential output wideband amplifier IC that uses an high frequency silicon bipolar process. This process improves bandwidth phase characteristics, input noise voltage characteristics, and low power consumption when compared to conventional HF-band differential amplifier ICs.

These features make this device suitable as a wideband amplifier in high-definition TVs, high-resolution monitors, broadcasting satellite receivers, and video cameras, as a sense amplifier in high-density CCD and optical pick-up products, or as a pulse amplifier for optical data links.



FEATURES

• Bandwidth and typical gain : 120 MHz @ AVOL= 300

                                         700 MHz @ AVOL= 10

• Phase delay : –85 deg. @ AVOL= 100, 100 MHz

• Input Noise Voltage : 3 µVr.m.s.(RS= 50 Ω, 10 k to 10 MHz)

• Supply Current : 13mA TYP. @ VCC± = ±6 V

• Gain adjustable from 10 to 300 with external resistor

• No frequency compensation required (Small phase delay at 10 MHz or less)




Similar Part No. - UPC1663G-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663G-E1 NEC-UPC1663G-E1 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Renesas Technology Corp
UPC1663G-E1 RENESAS-UPC1663G-E1 Datasheet
462Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results


Similar Description - UPC1663G-E1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
Differential video amplifier
April 15, 1992
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592B TI-TL592B Datasheet
339Kb / 11P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Analog Devices
AD8146 AD-AD8146 Datasheet
584Kb / 24P
Triple Differential Driver for Wideband Video
REV. 0
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
TL592 TI1-TL592 Datasheet
95Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com