Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE4110B Datasheet (PDF) - List of Unclassifed Manufacturers

VRE4110B Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE4110B
Download  VRE4110B Download
File Size   232.67 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Cost, SOIC-8 Precision References

VRE4110B Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE4110B Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE4110B
Download  VRE4110B Click to download

File Size   232.67 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Cost, SOIC-8 Precision References

VRE4110B Datasheet (HTML) - List of Unclassifed Manufacturers


VRE4110B Product details

DESCRIPTION

The VRE4100 is a low cost, high precision bandgap reference that operates from +5V. The device features low noise, digital error correction, and an SOIC-8 package. The ultrastable output is 0.05% accurate with a temperature coefficient as low as 1.0 ppm/°C. The improvement in overall accuracy is made possible by using EEPROM registers and CMOS DAC’s for temperature and initial error correction. The DAC trimming is done after assembly which eliminates assembly related shifts.



FEATURES

• 1.024, 1.250, 2.048, 2.500, 4.096V Output

• Initial Error: ± 0.05% max.

• Temperature Drift: 1.0 ppm/°C max.

• Low Noise: 2.2µV p-p (0.1Hz-10Hz, 1.024V)

• Low Thermal Hysterisis: 20ppm

• ±8mA Output Source

• Power Down Mode

• Industry Standard SOIC-8 pin out

• Commercial and Industrial Temp Ranges

• Second source for ADR29X, REF19X ,LT1460, LT1461, LT1798, MAX616X, REF102




Similar Part No. - VRE4110B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE4112 CIRRUS-VRE4112 Datasheet
660Kb / 8P
Precision Voltage Reference
VRE4112C CIRRUS-VRE4112C Datasheet
660Kb / 8P
Precision Voltage Reference
VRE4112K CIRRUS-VRE4112K Datasheet
660Kb / 8P
Precision Voltage Reference
More results


Similar Description - VRE4110B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
Low Cost, Precision 2.5 V IC References
logo
Linear Technology
LT580 LINER-LT580 Datasheet
200Kb / 4P
Precision References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
Precision Low Power FGA??Voltage References
August 1, 2006
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
Low Cost, Precision 2.5 V IC References
REV. A
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
PRECISION REFERENCES
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
Low cost, surface mount SOIC package
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
Low cost, surface mount SOIC package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com