Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5.0A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SFS5.0A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SFS5.0A
Download  SFS5.0A Download
File Size   340.48 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 5 V ~ 54V 200W Peak Power TVS

SFS5.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFS5.0A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SFS5.0A
Download  SFS5.0A Click to download

File Size   340.48 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 5 V ~ 54V 200W Peak Power TVS

SFS5.0A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SFS5.0A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFS5 ETC2-SFS5 Datasheet
3Mb / 21P
AC-DC Converter Compact Miniature Type
SFS5-12 ETC2-SFS5-12 Datasheet
3Mb / 21P
AC-DC Converter Compact Miniature Type
SFS5-12C ETC2-SFS5-12C Datasheet
3Mb / 21P
AC-DC Converter Compact Miniature Type
SFS5-15 ETC2-SFS5-15 Datasheet
3Mb / 21P
AC-DC Converter Compact Miniature Type
SFS5-15C ETC2-SFS5-15C Datasheet
3Mb / 21P
AC-DC Converter Compact Miniature Type
More results


Similar Description - SFS5.0A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
200W Peak Power TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
5KP SECOS-5KP Datasheet
281Kb / 4P
Voltage 5.0V ~ 250V 5000W Peak Power TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
5V ~ 220V 200W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
5000W Peak Power TVS
logo
Shindengen Electric Mfg...
ST02-39G1 SHINDENGEN-ST02-39G1 Datasheet
1Mb / 5P
TVS 3.8A, 200W
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
200W peak pulse power (tp =8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com