Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6J Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMA6J Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMA6J
Download  SMA6J Download
File Size   315.16 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5V ~ 85V, 600W Peak Power Surface Mount TVS

SMA6J Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA6J Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMA6J
Download  SMA6J Click to download

File Size   315.16 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5V ~ 85V, 600W Peak Power Surface Mount TVS

SMA6J Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SMA6J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
SMA6J STMICROELECTRONICS-SMA6J Datasheet
117Kb / 10P
High junction temperature Transil
07-Nov-2007
logo
Taiwan Semiconductor Co...
SMA6J TSC-SMA6J Datasheet
218Kb / 5P
Surface Mount Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMA6J SEMITECH-SMA6J Datasheet
485Kb / 5P
Glass passivated junction
logo
Littelfuse
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Similar Description - SMA6J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
600W Peak Power / 5.0W Steady State 600W Peak Power TVS
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
logo
Digitron Semiconductors
SMBJ5.0 DIGITRON-SMBJ5.0 Datasheet
188Kb / 4P
SURFACE MOUNT 600W TVS
logo
SeCoS Halbleitertechnol...
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
600W Peak Power Surface Mount TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
5V ~ 220V 200W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com