Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5057VF Datasheet (PDF) - Fuji Electric

FMM5057VF Datasheet PDF - Fuji Electric
Part # FMM5057VF
Download  FMM5057VF Download
File Size   300.33 Kbytes
Page   8 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 7.1-8.5GHz Power Amplifier MMIC

FMM5057VF Datasheet (PDF)

Go To PDF Page Download Datasheet
FMM5057VF Datasheet PDF - Fuji Electric

Part # FMM5057VF
Download  FMM5057VF Click to download

File Size   300.33 Kbytes
Page   8 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 7.1-8.5GHz Power Amplifier MMIC

FMM5057VF Datasheet (HTML) - Fuji Electric


FMM5057VF Product details

DESCRIPTION

The FMM5057VF is a MMIC amplifier that contains a four-stage amplifier, internally matched, for standard communications band in the 7.1 to 8.5GHz frequency range.

Fujitsu’s stringent Quality Assurance Program assures the highest reliability and consistent performance.



FEATURES

• High Output Power: 34.0dBm(typ.)

• High Linear Gain: 26.0dB(typ.)

• Low VSWR

• Broad Band: 7.1~8.5GHz

• Impedance Matched Zin/Zout = 50Ω

• Small Hermetic Metal-Ceramic Package(VF)



 




Similar Part No. - FMM5057VF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5057X EUDYNA-FMM5057X Datasheet
621Kb / 14P
C-Band Power Amplifier MMIC
More results


Similar Description - FMM5057VF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701 Datasheet
193Kb / 16P
7 - 8.5GHz High Power Amplifier
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
5.0-8.5GHz 2W Power Amplifier
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 2W 7.1-11.7 GHz
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701_15 Datasheet
174Kb / 17P
7 to 8.5GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
5.8- 8.5GHz Power Amplifier
logo
Marki Microwave
MQH-2R58R5 MARKIMICROWAVE-MQH-2R58R5 Datasheet
501Kb / 12P
MMIC 2.5-8.5GHz Quadrature Hybrid
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
5.9 ??7.1 GHz Power Amplifier
September 2020
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com