Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet (PDF) - Chip Integration Technology Corporation

BAT54WS Datasheet PDF - Chip Integration Technology Corporation
Part # BAT54WS
Download  BAT54WS Download
File Size   478.51 Kbytes
Page   3 Pages
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation
Description 200mA Surface Mount Small Signal Diodes

BAT54WS Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54WS Datasheet PDF - Chip Integration Technology Corporation

Part # BAT54WS
Download  BAT54WS Click to download

File Size   478.51 Kbytes
Page   3 Pages
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation
Description 200mA Surface Mount Small Signal Diodes

BAT54WS Datasheet (HTML) - Chip Integration Technology Corporation


BAT54WS Product details

■ Features
• Low current rectification and high speed switching.
• Small surface mount type.
• Up to 200mA current capability.
• Low forward voltage drop (VF = 1.00V typ. @100mA).
• Silicon epitaxial planar chip, metal silicon junction.
• High speed ( trr < 5 ns )
• Suffix "G" indicates Halogen-free part, ex.BAT54WSG.
• Lead-free parts for green partner, exceeds environmental
   standards of MIL-STD-19500 /228




Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results


Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
BAT54WS FORMOSA-BAT54WS_11 Datasheet
102Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
logo
Chip Integration Techno...
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT42W CITC-BAT42W Datasheet
90Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT42WS CITC-BAT42WS Datasheet
90Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT54 CITC-BAT54 Datasheet
158Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT54W CITC-BAT54W Datasheet
156Kb / 3P
200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
200mA Surface Mount Small Signal Diodes
RB520S-40 CITC-RB520S-40 Datasheet
91Kb / 3P
200mA Surface Mount Small Signal Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com