Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHF6410 Datasheet (PDF) - Vishay Siliconix

TSHF6410 Datasheet PDF - Vishay Siliconix
Part # TSHF6410
Download  TSHF6410 Download
File Size   115.53 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode

TSHF6410 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHF6410 Datasheet PDF - Vishay Siliconix

Part # TSHF6410
Download  TSHF6410 Click to download

File Size   115.53 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode

TSHF6410 Datasheet (HTML) - Vishay Siliconix


TSHF6410 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): ø 5
• Peak wavelength: λp = 890 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: φ = ± 22°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 12 MHz
• Good spectral matching with Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TSHF6410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF6410 VISHAY-TSHF6410 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSHF6410 VISHAY-TSHF6410 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
TSHF6410 VISHAY-TSHF6410 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
23-Aug-11
TSHF6410 VISHAY-TSHF6410 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
23-Aug-11
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
More results


Similar Description - TSHF6410

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
High Speed Infrared Emitting Diode
GL550 SHARP-GL550 Datasheet
38Kb / 4P
High Speed Infrared Emitting Diode
logo
Vishay Siliconix
VSMF9700-GS08 VISHAY-VSMF9700-GS08 Datasheet
139Kb / 6P
High Speed Infrared Emitting Diode, 890 nm
03-Nov-09
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
High Speed Infrared Emitting Diode
24-Jul-14
VSMF4720 VISHAY-VSMF4720_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
VSMF4710 VISHAY-VSMF4710_13 Datasheet
131Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
High Speed Infrared Emitting Diode
03-Sep-13
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
24-Sep-13
VSMY3850 VISHAY-VSMY3850_13 Datasheet
130Kb / 6P
High Speed Infrared Emitting Diode
24-Sep-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com