Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33286 Datasheet (PDF) - Motorola, Inc

MC33286 Datasheet PDF - Motorola, Inc
Part # MC33286
Download  MC33286 Download
File Size   320.62 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Automotive Dual

MC33286 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33286 Datasheet PDF - Motorola, Inc

Part # MC33286
Download  MC33286 Click to download

File Size   320.62 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Automotive Dual

MC33286 Datasheet (HTML) - Motorola, Inc


MC33286 Product details

Automotive Dual High Side Driver



This device is a dual high side power switch dedicated for automoive applications. In comparison with mechanical relays, this device offers higher reliability as well as protection and diagnostic features. The device consists of two independent 35mΩ Rdson switches in a surface mount package. It can be directly interfaced with a microcontroller for control and diagnostic functions. The device is fully protected against overcurrents, short-circuits and incorporates an overtemperature shutdown. It can be directly and continuously supplied by the battery and offers a very low quiescent current in standby mode.



• Designed for Automotive Applications

• Junction Temperature Range from -40°C to 150°C

• Operating Voltage Range from 8V to 40V

• Maximum Breakdown Voltage greater than 40V

• Surface Mount Package

• 35mΩ Rdson at 25°C

• Overtemperature Protection with Hysteresis

• Under Voltage Shutdown

• Reverse Battery protected

• Open Load Detection in On-State

• Diagnostic Output

• ESD Protection 2kV

• Current Limitation at 30A

• Loss of ground protected

• Standby Current less than 10µA at Vbat = 14V



 




Similar Part No. - MC33286

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
Multicomp Pro
MC33286 MULTICOMP-MC33286 Datasheet
237Kb / 2P
Heatsink Extruded
29/07/22 V1.0
More results


Similar Description - MC33286

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CF2-12 NAIS-CF2-12 Datasheet
48Kb / 3P
NEW DUAL POWER AUTOMOTIVE RELAY
logo
Motorola, Inc
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Maxim Integrated Produc...
DS3882 MAXIM-DS3882 Datasheet
515Kb / 30P
Dual-Channel Automotive CCFL Controller
Rev 0; 3/06
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
Automotive LVDS Dual Differential Driver
logo
Maxim Integrated Produc...
DS3882 MAXIM-DS3882_10 Datasheet
455Kb / 31P
Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
logo
Texas Instruments
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
Automotive LVDS Dual Differential Driver
logo
Allegro MicroSystems
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
Automotive Dual Full Bridge Driver
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
Automotive Dual Differential Comparators
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com