Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3291 Datasheet (PDF) - Maxim Integrated Products

MAX3291 Datasheet PDF - Maxim Integrated Products
Part # MAX3291
Download  MAX3291 Download
File Size   285.2 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication

MAX3291 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3291 Datasheet PDF - Maxim Integrated Products

Part # MAX3291
Download  MAX3291 Click to download

File Size   285.2 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication

MAX3291 Datasheet (HTML) - Maxim Integrated Products


MAX3291 Product details

General Description
The MAX3291/MAX3292 high-speed RS-485/RS-422 transceivers feature driver preemphasis circuitry, which extends the distance and increases the data rate of reliable communication by reducing intersymbol interference (ISI) caused by long cables. The MAX3291 is programmable for data rates of 5Mbps to 10Mbps, while the MAX3292 is programmable for data rates up to 10Mbps by using a single external resistor.

Features
♦ Preemphasis Increases the Distance and Data Rate of Reliable RS-485/RS-422 Communication
♦ Data Rate Optimized for 5Mbps to 10Mbps (MAX3291) Programmable up to 10Mbps (MAX3292)
♦ 100nA Low-Current Shutdown Mode
♦ Allow Up to 128 Transceivers on the Bus
♦ -7V to +12V Common-Mode Input Voltage Range
♦ Pin-Compatible with ’75180, MAX489, MAX491 MAX3080, MAX3083, MAX3086, MAX1482

Applications
    Long-Distance, High-Speed RS-485/RS-422 Communications
    Telecommunications
    Industrial-Control Local Area Networks




Similar Part No. - MAX3291

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
MAX3291CPD MAXIM-MAX3291CPD Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
MAX3291CSD MAXIM-MAX3291CSD Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
MAX3291EPD MAXIM-MAX3291EPD Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
MAX3291ESD MAXIM-MAX3291ESD Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
More results


Similar Description - MAX3291

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
logo
Maxim Integrated Produc...
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Maxim Integrated Produc...
MAX22500E MAXIM-MAX22500E Datasheet
1Mb / 19P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22501E MAXIM-MAX22501E Datasheet
1Mb / 19P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX22501E MAXIM-MAX22501E_V01 Datasheet
1Mb / 24P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
2021
logo
Analog Devices
MAX22500E AD-MAX22500E Datasheet
1Mb / 23P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 3; 12/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com