Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA-0635 Datasheet (PDF) - List of Unclassifed Manufacturers

MSA-0635 Datasheet PDF - List of Unclassifed Manufacturers
Part # MSA-0635
Download  MSA-0635 Download
File Size   53.4 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Cascadable Silicon Bipolar MMIC Amplifiers

MSA-0635 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA-0635 Datasheet PDF - List of Unclassifed Manufacturers

Part # MSA-0635
Download  MSA-0635 Click to download

File Size   53.4 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Cascadable Silicon Bipolar MMIC Amplifiers

MSA-0635 Datasheet (HTML) - List of Unclassifed Manufacturers


MSA-0635 Product details

[HP]

Description
The MSA-0635 is a high performance silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in a cost effective, microstrip package. This MMIC is designed for use as a general purpose 50 Ω gain block. Typical applications include narrow and broad band IF and RF amplifiers in commercial and industrial applications.

Features
• Cascadable 50 Ω Gain Block
• Low Operating Voltage: 3.5 V Typical Vd
• 3 dB Bandwidth: DC to 0.9 GHz
• High Gain: 19.0 dB Typical at 0.5 GHz
• Low Noise Figure: 2.8 dB Typical at 0.5 GHz
• Cost Effective Ceramic Microstrip Package




Similar Part No. - MSA-0635

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
More results


Similar Description - MSA-0635

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0335 HP-MSA-0335 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0370 HP-MSA-0370 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0435 HP-MSA-0435 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0700 HP-MSA-0700 Datasheet
55Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0436 AVAGO-MSA-0436 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
logo
Broadcom Corporation.
MSA-0370 BOARDCOM-MSA-0370 Datasheet
74Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0436 BOARDCOM-MSA-0436 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com