Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-JX Datasheet (PDF) - IC-Haus GmbH

IC-JX Datasheet PDF - IC-Haus GmbH
Part # IC-JX
Download  IC-JX Download
File Size   1110.8 Kbytes
Page   48 Pages
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH
Description 16-FOLD 24 V HIGH-SIDE DRIVER

IC-JX Datasheet (PDF)

Go To PDF Page Download Datasheet
IC-JX Datasheet PDF - IC-Haus GmbH

Part # IC-JX
Download  IC-JX Click to download

File Size   1110.8 Kbytes
Page   48 Pages
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH
Description 16-FOLD 24 V HIGH-SIDE DRIVER

IC-JX Datasheet (HTML) - IC-Haus GmbH




Similar Part No. - IC-JX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX Datasheet
611Kb / 36P
16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
IC-JXEVALJX2D ICHAUS-IC-JXEVALJX2D Datasheet
611Kb / 36P
16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
IC-JXMQFP52 ICHAUS-IC-JXMQFP52 Datasheet
611Kb / 36P
16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
More results


Similar Description - IC-JX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP Datasheet
814Kb / 23P
Smart 16-fold Low-Side Switch
V3.1 26.Aug 2002
logo
Melexis Microelectronic...
MLX10410 MELEXIS-MLX10410 Datasheet
92Kb / 7P
8 Fold High Side Driver
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX Datasheet
611Kb / 36P
16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
logo
Supertex, Inc
HV7100 SUTEX-HV7100_13 Datasheet
807Kb / 8P
24/48V Fan Driver/Controller With High-Side Drive
logo
Custom MMIC Design Serv...
CMD2910 MMIC-CMD2910 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
logo
Infineon Technologies A...
AUIRB24427S INFINEON-AUIRB24427S Datasheet
796Kb / 20P
Topology Dual Low Side Driver VOUT 12.5 V ??24 V
Sept 29, 2014
logo
Qorvo, Inc
CMD291P4 QORVO-CMD291P4 Datasheet
388Kb / 13P
16-24 GHz Driver Amplifier
CMD291 QORVO-CMD291 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Infineon Technologies A...
2ED2410-EM INFINEON-2ED2410-EM Datasheet
5Mb / 49P
12 V/24 V smart analog high-side MOSFET gate driver
Rev.2.00 2022-07-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com