Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA-6033 Datasheet (PDF) - List of Unclassifed Manufacturers

STA-6033 Datasheet PDF - List of Unclassifed Manufacturers
Part # STA-6033
Download  STA-6033 Download
File Size   264.98 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Product Description

STA-6033 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA-6033 Datasheet PDF - List of Unclassifed Manufacturers

Part # STA-6033
Download  STA-6033 Click to download

File Size   264.98 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Product Description

STA-6033 Datasheet (HTML) - List of Unclassifed Manufacturers


STA-6033 Product details

[Sirenza]

Product Description
Sirenza Microdevices’ STA-6033 is a high efficiency class AB Heterojunction Bipolar Transistor (HBT) amplifier housed in a low-cost surface-mountable plastic package. This HBT amplifier is made with InGaP on GaAs device technology and fabricated with MOCVD for an ideal combination of low cost and high reliability.

Product Features
• 802.11a 54Mb/s Class AB Performance Pout = 18dBm @ 3% EVM, 3.3V, 210mA
• High Gain = 27dB
• Output Return Loss < -12dB for Linear Tune
• On-chip Output Power Detector
• Simultaneous 4.9- 5.9GHz Broadband
• Pin Compatible with Microsemi LX5506
• Robust - Survives RF Input Power = +20dBm
• Power up/down control < 1µs

Applications
• 802.11a WLAN, OFDM
• General purpose 5.8GHz ISM Band
• 802.16 WiMax, Fixed Wireless, UNII




Similar Part No. - STA-6033

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
STA-6033Z SIRENZA-STA-6033Z Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
More results


Similar Description - STA-6033

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC251TA INTEL-8XC251TA_1 Datasheet
94Kb / 18P
Hardware Description
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089_1 Datasheet
988Kb / 6P
Product Description InGaP/GaAs HBT MMIC Amplifier
logo
ATMEL Corporation
AT91SAM7SE512 ATMEL-AT91SAM7SE512_09 Datasheet
806Kb / 47P
Product Description
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
Description
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
GENERAL DESCRIPTION
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
DESCRIPTION
logo
List of Unclassifed Man...
ANTDB1HDPXXX ETC2-ANTDB1HDPXXX Datasheet
397Kb / 2P
Product Description
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com