Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7911 Datasheet (PDF) - Analog Devices

AD7911 Datasheet PDF - Analog Devices
Part # AD7911
Download  AD7911 Download
File Size   312.53 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs

AD7911 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7911 Datasheet PDF - Analog Devices

Part # AD7911
Download  AD7911 Click to download

File Size   312.53 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs

AD7911 Datasheet (HTML) - Analog Devices


AD7911 Product details

GENERAL DESCRIPTION
The AD7911/AD79211 are 10-bit and 12-bit, high speed, low power, 2-channel successive approximation ADCs, respectively. The parts operate from a single 2.35 V to 5.25 V power supply and feature throughput rates of up to 250 kSPS. The parts contain a low noise, wide bandwidth track-and-hold amplifier, which can handle input frequencies in excess of 6 MHz.

FEATURES
    Fast throughput rate: 250 kSPS
    Specified for VDD of 2.35 V to 5.25 V
    Low power:
        4 mW typ at 250 kSPS with 3 V supplies
        13.5 mW typ at 250 kSPS with 5 V supplies
    Wide input bandwidth: 71 dB minimum SNR at 100 kHz input frequency
    Flexible power/serial clock speed management
    No pipeline delays
    High speed serial interface: SPI®/QSPI™/MICROWIRE™/DSP compatible
    Standby mode: 1 μA maximum
    8-lead TSOT package
    8-lead MSOP package

APPLICATIONS
    Battery-powered systems:
        Personal digital assistants
        Medical instruments
        Mobile communications
    Instrumentation and control systems
    Data acquisition systems
    High speed modems
    Optical sensors




Similar Part No. - AD7911

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7911ARM-REEL7 AD-AD7911ARM-REEL7 Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911ARMZ AD-AD7911ARMZ Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911ARMZ-REEL AD-AD7911ARMZ-REEL Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911ARMZ-REEL7 AD-AD7911ARMZ-REEL7 Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911AUJZ-R2 AD-AD7911AUJZ-R2 Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Similar Description - AD7911

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7912 AD-AD7912 Datasheet
386Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
AD7476A AD-AD7476A Datasheet
580Kb / 24P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
3/04-Data Sheet changed from REV. B to REV. C.
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com