Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2849 Datasheet (PDF) - Analog Devices

ADN2849 Datasheet PDF - Analog Devices
Part # ADN2849
Download  ADN2849 Download
File Size   1425.78 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 Gbps Electro-Absorption Modulator Driver

ADN2849 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2849 Datasheet PDF - Analog Devices

Part # ADN2849
Download  ADN2849 Click to download

File Size   1425.78 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 Gbps Electro-Absorption Modulator Driver

ADN2849 Datasheet (HTML) - Analog Devices


ADN2849 Product details

PRODUCT DESCRIPTION
The ADN2849 is a low power 10.7Gbps driver for electro-absorption modulator (EAM) applications. The modulation voltage is programmable via an external voltage up to a maximum swing of 3V when driving 50Ω. The bias offset voltage and output eye cross point are also programmable. On-chip 50Ω resistor is provided for back termination of the output. The ADN2849 is driven by AC coupled differential CML level data and has selectable data retiming to remove jitter from data input signal. The modulation voltage can be enabled or disabled by driving the MOD_ENB pin with the proper logic levels. It can operate with positive or negative (5.2V or 5.0V) supply voltage.
The ADN284949 is available in a compact 4x4mm plastic package or dice format.

FEATURES
   Data Rates up to 10.709Gb/s
   Typical Rise/Fall Time 27ps
   Power Dissipation 900mW (at 2V swing, 1V offset)
   Programmable Modulation Voltage up to 3V
   Programmable Bias Offset Voltage up to 2V
   Voltage-input control for offset, modulation
   Cross Point Adjust Range 30%- 85%
   Selectable Data Retiming
   PECL/CML Data & Clock Inputs
   50Ω on Chip Data & Clock Terminations
   Modulation Ebnable/Disable
   |S11|<-10dB , |S22|<-8dB at 10GHz
   Positive or negative 5.2 or 5.0V single supply operation
   Available in dice and 4x4mm 24 Lead LFCSP package

APPLICATIONS
   SONET OC-192 Optical Transmitters
   SDH STM-64 Optical Transmitters
   10Gb Ethernet IEEE802.3
   XFP/X2/XENPACK/MSA-300 Optical Modules




Similar Part No. - ADN2849

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2849 AD-ADN2849 Datasheet
1Mb / 17P
10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
More results


Similar Description - ADN2849

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
logo
Vitesse Semiconductor C...
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
10.7 Gb/s RZ or NRZ Laser Modulator Driver
logo
OKI electronic componet...
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
10 Gbps EA Modulator Driver IC
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
11.1 Gbps Modulator Driver IC
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
logo
TriQuint Semiconductor
TGA4826-SM TRIQUINT-TGA4826-SM Datasheet
389Kb / 1P
10 Vpp 15 Gbps Optical Modulator Driver
logo
Analog Devices
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
Texas Instruments
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
11.7 Gbps Transceiver with Modulator Driver
logo
Qorvo, Inc
TGA4826-SM QORVO-TGA4826-SM Datasheet
389Kb / 1P
10 Vpp 15 Gbps Optical Modulator Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com