Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1765 Datasheet (PDF) - NTE Electronics

NTE1765 Datasheet PDF - NTE Electronics
Part # NTE1765
Download  NTE1765 Download
File Size   31.65 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Channel Current Mode Controller

NTE1765 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1765 Datasheet PDF - NTE Electronics

Part # NTE1765
Download  NTE1765 Click to download

File Size   31.65 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Channel Current Mode Controller

NTE1765 Datasheet (HTML) - NTE Electronics


NTE1765 Product details

Description:

The NTE1765 is a high performance, fixed frequency, dual current mode controller in a 16–Lead DIP type package. This device is specifically designed for Off–Line and DC to DC converter applications offering the designer a cost effective solution with minimal external components. The NTE1765 features a unique oscillator for precise duty cycle limit and frequency control, a temperature compensated reference, two high gain error amplifiers, two current sensing comparators, drive output 2 enable pin, and two high current totem pole outputs ideally suited for driving power MOSFETS.

Also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cycle–by–cycle current limiting, and a latch for single pulse metering of each output.



Features:

• Unique Oscillator for Precise Duty Cycle Limit and Frequency Control

• Current Mode Operation to 500kHz

• Automatic Feed Forward Compensation

• Separate Latching PWMs for Cycle–By–Cycle Current Limiting

• Internally Trimmed Reference with Undervoltage Lockout

• Drive Output 2 Enable Pin

• Two High Current Totem Pole Outputs

• Input Undervoltage Lockout with Hysteresis

• Low Start–Up and Operating Current



 




Similar Part No. - NTE1765

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE176 NTE-NTE176 Datasheet
18Kb / 1P
Germaniun PNP Transistor Audio Power Amplifier
NTE1761 NTE-NTE1761 Datasheet
26Kb / 3P
Integrated Circuit Infrared Remote Control Preamp
NTE1762 NTE-NTE1762 Datasheet
26Kb / 3P
Integrated Circuit Infrared Remote Control Preamp
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
Integrated Circuit Infrared Preamplifier
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
Integrated Circuit Reversible Motor Driver
More results


Similar Description - NTE1765

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
Integrated Circuit Switched-Mode Power Supply Controller
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
Integrated Circuit Switch Mode Power Supply Controller
NTE869 NTE-NTE869 Datasheet
25Kb / 3P
Integrated Circuit Dual, High Speed, Programmable Current Mode (Norton) Amp
logo
ON Semiconductor
MC34065 ONSEMI-MC34065 Datasheet
494Kb / 15P
HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
logo
Wing Shing Computer Com...
KA3842A WINGS-KA3842A Datasheet
153Kb / 5P
Linear Integrated Circuit(CURRENT-MODE PWM CONTROLLER)
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
High Performance Dual Channel Current Mode Controller with ENABLE
Rev. 2/2/99
logo
KEC(Korea Electronics)
KIA3842 KEC-KIA3842 Datasheet
166Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (HIGH PERFORMANCE CURRENT MODE CONTROLLER)
KIA3842BP KEC-KIA3842BP Datasheet
171Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (HIGH PERFORMANCE CURRENT MODE CONTROLLER)
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
logo
SIFIRST TECHNOLOGIES NA...
SF1565 SIFIRST-SF1565 Datasheet
661Kb / 12P
Highly Integrated Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com