Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT530B6 Datasheet (PDF) - Advanced Semiconductor Business Inc.

AAT530B6 Datasheet PDF - Advanced Semiconductor Business Inc.
Part # AAT530B6
Download  AAT530B6 Download
File Size   199.7 Kbytes
Page   6 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description 0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator

AAT530B6 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT530B6 Datasheet PDF - Advanced Semiconductor Business Inc.

Part # AAT530B6
Download  AAT530B6 Click to download

File Size   199.7 Kbytes
Page   6 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description 0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator

AAT530B6 Datasheet (HTML) - Advanced Semiconductor Business Inc.




Similar Part No. - AAT530B6

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AAT530B5 ASB-AAT530B5 Datasheet
249Kb / 6P
0.5 ~ 3.0 GHz LSB 1 dB, 5 Bit Digital Attenuator
September. 2013
More results


Similar Description - AAT530B6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC542LP4 HITTITE-HMC542LP4 Datasheet
469Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3.0 GHz
logo
Skyworks Solutions Inc.
AA105-86 SKYWORKS-AA105-86 Datasheet
605Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB 0.5-3.0 GHz
logo
Hittite Microwave Corpo...
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
logo
Advanced Semiconductor ...
AAT530B5 ASB-AAT530B5 Datasheet
249Kb / 6P
0.5 ~ 3.0 GHz LSB 1 dB, 5 Bit Digital Attenuator
September. 2013
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
4/2020-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com