Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB615305A Datasheet (PDF) - Cirrus Logic

CDB615305A Datasheet PDF - Cirrus Logic
Part # CDB615305A
Download  CDB615305A Download
File Size   632.55 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description T1/E1 LINE INTERFACE

CDB615305A Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB615305A Datasheet PDF - Cirrus Logic

Part # CDB615305A
Download  CDB615305A Click to download

File Size   632.55 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description T1/E1 LINE INTERFACE

CDB615305A Datasheet (HTML) - Cirrus Logic


CDB615305A Product details

General Description
The CS61577 is a drop-in replacement for the CS61574, and combines the complete analog transmit and receive line interface for T1 or E1 applications in a low power, 28-pin device operating from a +5V supply. The CS61577 supports processor-based or standalone operation and interfaces with industry standard T1 and E1 framers.

Features
• Provides Analog Transmission Line Interface for T1 and E1 Applications
• Drop-in Replacement for CS61574 with the Following Enhancements:
    - Lower Power Consumption
    - Transmitter Short-Circuit Current Limiting
    - Greater Transmitter Immunity to Line Reflections
    - Software Selection Between 75Ω and 120Ω E1 Output Options
    - Internally Controlled E1 Pulse Width
    - B8ZS/HDB3/AMI Encoder/Decoder

Applications
• Interfacing Network Equipment such as DACS and Channel Banks to a DSX-1 Cross Connect
• Building Channel Service Units




Similar Part No. - CDB615305A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB61581 CIRRUS-CDB61581 Datasheet
740Kb / 16P
Universal Line Interface Unit
CDB61584A CIRRUS-CDB61584A Datasheet
211Kb / 12P
Dual Line Interface Unit
More results


Similar Description - CDB615305A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
T1/E1 LINE INTERFACE
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
T1/E1 Line Interface
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
DUAL T1/E1 LINE INTERFACE
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
T1/E1 Line Interface
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
T1/E1/CEPT Line Interface
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com