Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3201S Datasheet (PDF) - E-CMOS Corporation

EC3201S Datasheet PDF - E-CMOS Corporation
Part # EC3201S
Download  EC3201S Download
File Size   653.97 Kbytes
Page   9 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description 1A, 1.5MHz, Synchronous Step Down DC/DC Converter

EC3201S Datasheet (PDF)

Go To PDF Page Download Datasheet
EC3201S Datasheet PDF - E-CMOS Corporation

Part # EC3201S
Download  EC3201S Click to download

File Size   653.97 Kbytes
Page   9 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description 1A, 1.5MHz, Synchronous Step Down DC/DC Converter

EC3201S Datasheet (HTML) - E-CMOS Corporation




Similar Part No. - EC3201S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3201C SANYO-EC3201C Datasheet
35Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
More results


Similar Description - EC3201S

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 1
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com