Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2228CS Datasheet (PDF) - Intersil Corporation

EL2228CS Datasheet PDF - Intersil Corporation
Part # EL2228CS
Download  EL2228CS Download
File Size   614.29 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Noise Amplifier

EL2228CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2228CS Datasheet PDF - Intersil Corporation

Part # EL2228CS
Download  EL2228CS Click to download

File Size   614.29 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Noise Amplifier

EL2228CS Datasheet (HTML) - Intersil Corporation


EL2228CS Product details

The EL2228 is a dual, low-noise amplifier, ideally suited to filtering applications in ADSL and HDSLII designs. It features low noise specification of just 4.9nV/√Hz and 1.2pA/√Hz, making it ideal for processing low voltage waveforms.

Features
• Voltage noise of only 4.9nV/√Hz
• Current noise of only 1.2pA/√Hz
• Bandwidth (-3dB) of 80MHz -@ AV = +1
• Gain-of-1 stable
• Just 4.5mA per amplifier
• 8 Ld MSOP package
• ±2.5V to ±12V operation
• Pb-free plus anneal available (RoHS compliant)

Applications
• ADSL filters
• HDSLII filters
• Ultrasound input amplifiers
• Wideband instrumentation
• Communications equipment
• Wideband sensors




Similar Part No. - EL2228CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228CS ELANTEC-EL2228CS Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CS INTERSIL-EL2228CS Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
logo
Renesas Technology Corp
EL2228CS RENESAS-EL2228CS Datasheet
640Kb / 12P
Dual Low Noise Amplifier
logo
Elantec Semiconductor
EL2228CS-T13 ELANTEC-EL2228CS-T13 Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CS-T13 INTERSIL-EL2228CS-T13 Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
More results


Similar Description - EL2228CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
Dual Very Low Noise Amplifier
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
Dual Low Noise Amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
Dual Low Noise Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com