Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6915 Datasheet (PDF) - Intersil Corporation

EL6915 Datasheet PDF - Intersil Corporation
Part # EL6915
Download  EL6915 Download
File Size   96.35 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Driver w/ Waveform Generator

EL6915 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6915 Datasheet PDF - Intersil Corporation

Part # EL6915
Download  EL6915 Click to download

File Size   96.35 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Driver w/ Waveform Generator

EL6915 Datasheet (HTML) - Intersil Corporation


EL6915 Product details

Laser Diode Driver w/ Waveform Generator

The EL6915 is a highly integrated laser diode driver designed to support multi-standard writable optical drives. It accomplishes this by incorporating a waveform generator wherein the diode currents and timing details can be programmed before operation. The data input circuitry inspects the NRZ serial data waveform and generates programmed waveforms in recognition of 3, 4, 5, or 6 or more clock periods of space changing to 3, 4, 5, or 6 or more clock periods of mark, and vice versa. The part also has an IV amplifier with concurrent read and write sampling. The gains of the IV amplifier are programmable, eliminating the need for external potentiometers.

Features
• Complete programmable laser diode driver
• 350mA maximum total output
• 8-bit x 8-bit multiplying DAC output provides 8-bit full scale
   adjustment and 8-bit resolution at any full scale output
• 100ps timer resolution
• Two laser outputs allows read/ write DVD and CD
   combinations
• Programmable waveform values support CD-R, CD-RW,
   DVD-RAM, DVD-R, DVD-RW, DVD+R, and DVD+RW
• Two analog inputs support slope and read APC
• HFM oscillator programmable to 100mAP-P from 100MHz
   to 500MHz
• PLL allows reduced-frequency clock on flex cable
• Separate serial input works up to 100MHz
• Dual sampled IV amplifier with programmable sample
   select and gain select
• Programmable HFM offset when HFM is off
• Pb-free available

Applications
• Combination DVD writable and CD writable drives
• DVD camcorders
• DVD video recorders




Similar Part No. - EL6915

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
EL6910 BECKHOFF-EL6910 Datasheet
7Mb / 144P
TwinSAFE Logic Terminal
More results


Similar Description - EL6915

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6291C ELANTEC-EL6291C Datasheet
138Kb / 2P
Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6935 INTERSIL-EL6935 Datasheet
92Kb / 2P
Laser Diode Driver w/Waveform Generator
October 4, 2004
EL6938 INTERSIL-EL6938 Datasheet
95Kb / 2P
Laser Diode Driver with Waveform Generator
June 24, 2004
EL6196 INTERSIL-EL6196 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 8, 2004
EL6196A INTERSIL-EL6196A Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
September 1, 2004
EL6293 INTERSIL-EL6293 Datasheet
45Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6298 INTERSIL-EL6298 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6900 INTERSIL-EL6900 Datasheet
25Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6934 INTERSIL-EL6934 Datasheet
96Kb / 2P
Laser Diode Driver with Waveform Generator
March 17, 2004
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com