Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUS5200 Datasheet (PDF) - Vishay Siliconix

TSUS5200 Datasheet PDF - Vishay Siliconix
Part # TSUS5200
Download  TSUS5200 Download
File Size   109.39 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSUS5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUS5200 Datasheet PDF - Vishay Siliconix

Part # TSUS5200
Download  TSUS5200 Click to download

File Size   109.39 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSUS5200 Datasheet (HTML) - Vishay Siliconix


TSUS5200 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength: λp = 950 nm
• High reliability
• Angle of half intensity: ϕ = ± 15°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TSUS5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS5200 VISHAY-TSUS5200 Datasheet
110Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS5200 VISHAY-TSUS5200 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSUS5200 VISHAY-TSUS5200 Datasheet
120Kb / 6P
Infrared Emitting Diode, 950 nm, GaAs
18-Jan-2021
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
More results


Similar Description - TSUS5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
25-Aug-11
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS6402 VISHAY-TSUS6402 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
28-May-15
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
TSUS5402 VISHAY-TSUS5402_V01 Datasheet
118Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
18-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com