Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUS4300 Datasheet (PDF) - Vishay Siliconix

TSUS4300 Datasheet PDF - Vishay Siliconix
Part # TSUS4300
Download  TSUS4300 Download
File Size   110.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSUS4300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUS4300 Datasheet PDF - Vishay Siliconix

Part # TSUS4300
Download  TSUS4300 Click to download

File Size   110.74 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSUS4300 Datasheet (HTML) - Vishay Siliconix


TSUS4300 Product details

• Package type: leaded
• Package form: T-1
• Dimensions (in mm): Ø 3
• Peak wavelength: λp = 950 nm
• High reliability
• Angle of half intensity: ϕ = ± 16°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Package matches with detector TEFT4300




Similar Part No. - TSUS4300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300 Datasheet
80Kb / 5P
GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
20-May-99
TSUS4300 VISHAY-TSUS4300 Datasheet
110Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSUS4300 VISHAY-TSUS4300 Datasheet
115Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
TSUS4300 VISHAY-TSUS4300_08 Datasheet
110Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
TSUS4300 VISHAY-TSUS4300_V01 Datasheet
115Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
More results


Similar Description - TSUS4300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
25-Aug-11
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS6402 VISHAY-TSUS6402 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
28-May-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
TSUS5402 VISHAY-TSUS5402_V01 Datasheet
118Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
18-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com