Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSPF6200 Datasheet (PDF) - Vishay Siliconix

TSPF6200 Datasheet PDF - Vishay Siliconix
Part # TSPF6200
Download  TSPF6200 Download
File Size   119.35 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 890 nm, GaAlAs / Double Hetero

TSPF6200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSPF6200 Datasheet PDF - Vishay Siliconix

Part # TSPF6200
Download  TSPF6200 Click to download

File Size   119.35 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 890 nm, GaAlAs / Double Hetero

TSPF6200 Datasheet (HTML) - Vishay Siliconix


TSPF6200 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Peak wavelength: λp = 890 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 22°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors




Similar Part No. - TSPF6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSPF6200 VISHAY-TSPF6200 Datasheet
115Kb / 5P
High Power Infrared Emitting Diode, 890 nm, GaAlAs / Double Hetero
31-December-2021
TSPF6200 VISHAY-TSPF6200_V01 Datasheet
115Kb / 5P
High Power Infrared Emitting Diode, 890 nm, GaAlAs / Double Hetero
31-December-2021
More results


Similar Description - TSPF6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
VSMF3710 VISHAY-VSMF3710_09 Datasheet
149Kb / 7P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
03-Nov-09
TSSF4500 VISHAY-TSSF4500_11 Datasheet
96Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSHF6210 VISHAY-TSHF6210_V01 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 890 nm,GaAlAs Double Hetero
23-Aug-11
TSPF6200 VISHAY-TSPF6200_V01 Datasheet
115Kb / 5P
High Power Infrared Emitting Diode, 890 nm, GaAlAs / Double Hetero
31-December-2021
VSMF3710 VISHAY-VSMF3710_V01 Datasheet
143Kb / 6P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
15-Jul-2020
TSHF5210 VISHAY-TSHF5210_V02 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSHF5410 VISHAY-TSHF5410_V02 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
24-Aug-11
TSHF6410 VISHAY-TSHF6410_V02 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
23-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com