Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF9101 Datasheet (PDF) - List of Unclassifed Manufacturers

GF9101 Datasheet PDF - List of Unclassifed Manufacturers
Part # GF9101
Download  GF9101 Download
File Size   188.56 Kbytes
Page   23 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Performance Multirate Digital Filter

GF9101 Datasheet (PDF)

Go To PDF Page Download Datasheet
GF9101 Datasheet PDF - List of Unclassifed Manufacturers

Part # GF9101
Download  GF9101 Click to download

File Size   188.56 Kbytes
Page   23 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Performance Multirate Digital Filter

GF9101 Datasheet (HTML) - List of Unclassifed Manufacturers


GF9101 Product details

[GENNUM]

DESCRIPTION
The GF9101 is a high performance multirate digital filter which can be programmed to implement a wide range of signal processing functions using both symmetrical and asymmetrical filter structures. It is composed of a 12-tap FIR filter with internal RAM to hold up to 108 individual filters. An externally controlled address bus selects one of the 108 filters in each clock cycle. Pipelined architecture allows cascading of up to three devices with no additional hardware.

FEATURES
• highly optimized & flexible architecture for multirate FIR filtering applications
• implements dual 12 tap filters operating at 40 MHz or single 23 or 24 tap filter operating at 20 MHz maximum data rate
• stores up to 108 fully-programmable 12 tap filters with 12 bit coefficients at each tap, dynamically addressable in each clock cycle
• 3 flexible memory loading modes
• 20 bit pipeline for cascading up to 3 devices
• 20 bit output accumulator
• filter output negate and zero controls
• supports both symmetrical and asymmetrical FIR filters
• 40 MHz maximum computation and input/output data rates

APPLICATIONS
    Video rate conversion; High performance FIR filters; Adaptive digital filters; Video encoding; Digital modulation




Similar Part No. - GF9101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
Decimating/Interpolating Digital Filter
GF9102ACTM ETC-GF9102ACTM Datasheet
300Kb / 11P
Decimating/Interpolating Digital Filter
logo
Gennum Corporation
GF9103 GENNUM-GF9103 Datasheet
153Kb / 9P
Over-Sampling Color Space Converter for Video Monitoring
GF9103-CPS GENNUM-GF9103-CPS Datasheet
153Kb / 9P
Over-Sampling Color Space Converter for Video Monitoring
GF9103-CTS GENNUM-GF9103-CTS Datasheet
153Kb / 9P
Over-Sampling Color Space Converter for Video Monitoring
More results


Similar Description - GF9101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1307 PHILIPS-TDA1307 Datasheet
192Kb / 36P
High-performance bitstream digital filter
1996 Jan 08
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
High Performance Digital CCD Camera
logo
ATMEL Corporation
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
High- Performance Digital Camera Processor
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
High Performance Digital Camera Processor
logo
Microchip Technology
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
High-Performance Digital Signal Controllers
2004
logo
ATMEL Corporation
AT76C111 ATMEL-AT76C111 Datasheet
51Kb / 3P
High-Performance Digital Camera Processor
logo
Microchip Technology
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
High-Performance Digital Signal Controllers
2004
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
Horizontal Digital Image Filter Improved Performance
logo
Axiomtek Co., Ltd.
DSB550-880 AXIOMTEK-DSB550-880 Datasheet
226Kb / 1P
High Performance Digital Signage Player
logo
Murata Manufacturing Co...
SF2079D-1 MURATA-SF2079D-1 Datasheet
289Kb / 5P
High Performance SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com