Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9288 Datasheet (PDF) - E-CMOS Corporation

EC9288 Datasheet PDF - E-CMOS Corporation
Part # EC9288
Download  EC9288 Download
File Size   963.06 Kbytes
Page   12 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description 5V 6A 1.2MHz Synchronous Boost Converter

EC9288 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC9288 Datasheet PDF - E-CMOS Corporation

Part # EC9288
Download  EC9288 Click to download

File Size   963.06 Kbytes
Page   12 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description 5V 6A 1.2MHz Synchronous Boost Converter

EC9288 Datasheet (HTML) - E-CMOS Corporation




Similar Part No. - EC9288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC92 PHILIPS-EC92 Datasheet
47Kb / 3P
R.F. TRIODE
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
High Efficiency 1MHz, 2A, Step up Regulator
EC9208NNB3R E-CMOS-EC9208NNB3R Datasheet
653Kb / 11P
High Efficiency 1MHz, 2A, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
More results


Similar Description - EC9288

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Linear Technology
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
5V 5A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
5V 2.1A 1.2MHz Synchronous Boost Converter
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com