Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC1040LR45C Datasheet (PDF) - Kemet Corporation

MPC1040LR45C Datasheet PDF - Kemet Corporation
Part # MPC1040LR45C
Download  MPC1040LR45C Download
File Size   68.86 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPC, 450 nH, 20%

MPC1040LR45C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC1040LR45C Datasheet PDF - Kemet Corporation

Part # MPC1040LR45C
Download  MPC1040LR45C Click to download

File Size   68.86 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPC, 450 nH, 20%

MPC1040LR45C Datasheet (HTML) - Kemet Corporation




Similar Part No. - MPC1040LR45C

ManufacturerPart #DatasheetDescription
logo
NEC
MPC1040LR45C NEC-MPC1040LR45C Datasheet
2Mb / 104P
Power Inductors
More results


Similar Description - MPC1040LR45C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPC0740LR42C KEMET-MPC0740LR42C Datasheet
69Kb / 1P
Power, MPC, 420 nH, 20%
MPC0750LR60C KEMET-MPC0750LR60C Datasheet
69Kb / 1P
Power, MPC, 600 nH, 20%
MPC0750LR68C KEMET-MPC0750LR68C Datasheet
69Kb / 1P
Power, MPC, 680 nH, 20%
MPC1040LR36C KEMET-MPC1040LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1040LR56C KEMET-MPC1040LR56C Datasheet
69Kb / 1P
Power, MPC, 560 nH, 20%
MPC1040LR88C KEMET-MPC1040LR88C Datasheet
69Kb / 1P
Power, MPC, 880 nH, 20%
MPC1055L1R0C KEMET-MPC1055L1R0C Datasheet
68Kb / 1P
Power, MPC, 1000 nH, 20%
MPC1055LR36C KEMET-MPC1055LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1250LR36C KEMET-MPC1250LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1250LR50C KEMET-MPC1250LR50C Datasheet
69Kb / 1P
Power, MPC, 500 nH, 20%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com