Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPCH1040LR36 Datasheet (PDF) - Kemet Corporation

MPCH1040LR36 Datasheet PDF - Kemet Corporation
Part # MPCH1040LR36
Download  MPCH1040LR36 Download
File Size   69.31 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPCH, 360 nH, 20%

MPCH1040LR36 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPCH1040LR36 Datasheet PDF - Kemet Corporation

Part # MPCH1040LR36
Download  MPCH1040LR36 Click to download

File Size   69.31 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPCH, 360 nH, 20%

MPCH1040LR36 Datasheet (HTML) - Kemet Corporation




Similar Part No. - MPCH1040LR36

ManufacturerPart #DatasheetDescription
logo
NEC
MPCH1040LR36 NEC-MPCH1040LR36 Datasheet
1Mb / 2P
Large-Current Power Inductor MPCH Series
More results


Similar Description - MPCH1040LR36

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPC1055LR36C KEMET-MPC1055LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPCG1040LR36 KEMET-MPCG1040LR36 Datasheet
69Kb / 1P
Power, MPCG, 360 nH, 20%
MPCH0730LR12 KEMET-MPCH0730LR12 Datasheet
69Kb / 1P
Power, MPCH, 120 nH, 20%
MPCH0730LR24 KEMET-MPCH0730LR24 Datasheet
69Kb / 1P
Power, MPCH, 240 nH, 20%
MPCH0740LR15 KEMET-MPCH0740LR15 Datasheet
69Kb / 1P
Power, MPCH, 150 nH, 20%
MPCH0740LR24 KEMET-MPCH0740LR24 Datasheet
68Kb / 1P
Power, MPCH, 240 nH, 20%
MPCH0740LR36E KEMET-MPCH0740LR36E Datasheet
69Kb / 1P
Power, MPCH, 360 nH, 20%
MPCH1055L1R3 KEMET-MPCH1055L1R3 Datasheet
69Kb / 1P
Power, MPCH, 1300 nH, 20%
MPCH1060LR45 KEMET-MPCH1060LR45 Datasheet
69Kb / 1P
Power, MPCH, 450 nH, 20%
MPCH1250L1R5 KEMET-MPCH1250L1R5 Datasheet
69Kb / 1P
Power, MPCH, 1500 nH, 20%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com