Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPLC1040L2R2 Datasheet (PDF) - Kemet Corporation

MPLC1040L2R2 Datasheet PDF - Kemet Corporation
Part # MPLC1040L2R2
Download  MPLC1040L2R2 Download
File Size   68.88 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPLC, 2200 nH, 20%

MPLC1040L2R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPLC1040L2R2 Datasheet PDF - Kemet Corporation

Part # MPLC1040L2R2
Download  MPLC1040L2R2 Click to download

File Size   68.88 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPLC, 2200 nH, 20%

MPLC1040L2R2 Datasheet (HTML) - Kemet Corporation




Similar Part No. - MPLC1040L2R2

ManufacturerPart #DatasheetDescription
logo
NEC
MPLC1040L2R2 NEC-MPLC1040L2R2 Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPLC1040L2R2 KEMET-MPLC1040L2R2 Datasheet
73Kb / 1P
KEMET, MPLC, Power, 2200 nH, 20%
MPLC1040L2R2 KEMET-MPLC1040L2R2_19 Datasheet
73Kb / 1P
KEMET, MPLC, Power, 2200 nH, 20%
More results


Similar Description - MPLC1040L2R2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPLC0730L1R0 KEMET-MPLC0730L1R0 Datasheet
68Kb / 1P
Power, MPLC, 1000 nH, 20%
MPLC0730L1R5 KEMET-MPLC0730L1R5 Datasheet
69Kb / 1P
Power, MPLC, 1500 nH, 20%
MPLC0730L2R2 KEMET-MPLC0730L2R2 Datasheet
69Kb / 1P
Power, MPLC, 2200 nH, 20%
MPLC0730L3R3 KEMET-MPLC0730L3R3 Datasheet
68Kb / 1P
Power, MPLC, 3300 nH, 20%
MPLC0730L4R7 KEMET-MPLC0730L4R7 Datasheet
68Kb / 1P
Power, MPLC, 4700 nH, 20%
MPLC1040L1R5 KEMET-MPLC1040L1R5 Datasheet
68Kb / 1P
Power, MPLC, 1500 nH, 20%
MPLC1040L3R3 KEMET-MPLC1040L3R3 Datasheet
69Kb / 1P
Power, MPLC, 3300 nH, 20%
MPLC1040L4R7 KEMET-MPLC1040L4R7 Datasheet
69Kb / 1P
Power, MPLC, 4700 nH, 20%
MPLC0730L4R7 KEMET-MPLC0730L4R7_19 Datasheet
73Kb / 1P
KEMET, MPLC, Power, 4700 nH, 20%
MPLC1040L2R2 KEMET-MPLC1040L2R2_19 Datasheet
73Kb / 1P
KEMET, MPLC, Power, 2200 nH, 20%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com