Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPLCG0630L1R0 Datasheet (PDF) - Kemet Corporation

MPLCG0630L1R0 Datasheet PDF - Kemet Corporation
Part # MPLCG0630L1R0
Download  MPLCG0630L1R0 Download
File Size   112.56 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPLCG, 1000 nH, 20%

MPLCG0630L1R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPLCG0630L1R0 Datasheet PDF - Kemet Corporation

Part # MPLCG0630L1R0
Download  MPLCG0630L1R0 Click to download

File Size   112.56 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Power, MPLCG, 1000 nH, 20%

MPLCG0630L1R0 Datasheet (HTML) - Kemet Corporation




Similar Part No. - MPLCG0630L1R0

ManufacturerPart #DatasheetDescription
logo
NEC
MPLCG0630L1R0 NEC-MPLCG0630L1R0 Datasheet
1Mb / 2P
Large-Current Power Inductor MPLCG Series
More results


Similar Description - MPLCG0630L1R0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPLCG0530L1R0 KEMET-MPLCG0530L1R0 Datasheet
112Kb / 1P
Power, MPLCG, 1000 nH, 20%
MPLCG0530L2R2 KEMET-MPLCG0530L2R2 Datasheet
112Kb / 1P
Power, MPLCG, 2200 nH, 20%
MPLCG0530LR22 KEMET-MPLCG0530LR22 Datasheet
112Kb / 1P
Power, MPLCG, 220 nH, 20%
MPLCG0530LR33 KEMET-MPLCG0530LR33 Datasheet
112Kb / 1P
Power, MPLCG, 330 nH, 20%
MPLCG0530LR47 KEMET-MPLCG0530LR47 Datasheet
112Kb / 1P
Power, MPLCG, 470 nH, 20%
MPLCG0630L1R5 KEMET-MPLCG0630L1R5 Datasheet
112Kb / 1P
Power, MPLCG, 1500 nH, 20%
MPLCG0630L2R2 KEMET-MPLCG0630L2R2 Datasheet
112Kb / 1P
Power, MPLCG, 2200 nH, 20%
MPLCG0630L3R3 KEMET-MPLCG0630L3R3 Datasheet
112Kb / 1P
Power, MPLCG, 3300 nH, 20%
MPLCG0630L4R7 KEMET-MPLCG0630L4R7 Datasheet
112Kb / 1P
Power, MPLCG, 4700 nH, 20%
MPLCG0630LR47 KEMET-MPLCG0630LR47 Datasheet
112Kb / 1P
Power, MPLCG, 470 nH, 20%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com