Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723626 Datasheet (PDF) - Integrated Device Technology

IDT723626 Datasheet PDF - Integrated Device Technology
Part # IDT723626
Download  IDT723626 Download
File Size   563.62 Kbytes
Page   35 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING

IDT723626 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT723626 Datasheet PDF - Integrated Device Technology

Part # IDT723626
Download  IDT723626 Click to download

File Size   563.62 Kbytes
Page   35 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING

IDT723626 Datasheet (HTML) - Integrated Device Technology


IDT723626 Product details

DESCRIPTION:
The IDT723626/723636/723646 is a monolithic, high-speed, low-power, CMOS Triple Bus synchronous (clocked) FIFO memory which supports clock frequencies up to 83 MHz and has read access times as fast as 8 ns. Two independent 256/512/1,024 x 36 dual-port SRAM FIFOs on board each chip buffer data between a bidirectional 36-bit bus (Port A) and two unidirectional 18-bit buses (Port B transmits data, Port C receives data.) FIFO data can be read out of Port B and written into Port C using either 18-bit or 9-bit formats with a choice of Big- or Little-Endian configurations.

FEATURES:
• Memory storage capacity:
   IDT723626 – 256 x 36 x 2
   IDT723636 – 512 x 36 x 2
   IDT723646 – 1,024 x 36 x 2
• Clock frequencies up to 83 MHz (8ns access time)
• Two independent FIFOs buffer data between one bidirectional 36-bit port and two unidirectional 18-bit ports (Port C receives and Port B transmits)
• 18-bit (word) and 9-bit (byte) bus sizing of 18 bits (word) on Ports B and C
• Select IDT Standard timing (using EFA, EFB, FFA, and FFC flag functions) or First Word Fall Through Timing (using ORA, ORB, IRA, and IRC flag functions)
• Programmable Almost-Empty and Almost-Full flags; each has three default offsets (8, 16 and 64)
• Serial or parallel programming of partial flags
• Big- or Little-Endian format for word and byte bus sizes
• Master Reset clears data and configures FIFO, Partial Reset clears data but retains configuration settings
• Mailbox bypass registers for each FIFO
• Free-running CLKA, CLKB and CLKC may be asynchronous or coincident (simultaneous reading and writing of data on a single clock edge is permitted)
• Auto power down minimizes power dissipation
• Available in a space-saving 128-pin Thin Quad Flatpack (TQFP)
• Industrial temperature range (–40°C to +85°C) is available




Similar Part No. - IDT723626

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723626 IDT-IDT723626 Datasheet
510Kb / 35P
CMOS TRIPLE BUS SyncFIFO
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723626L15PFG RENESAS-IDT723626L15PFG Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723626L15PFG8 RENESAS-IDT723626L15PFG8 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
CMOS TRIPLE BUS SyncFIFO
More results


Similar Description - IDT723626

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
CMOS BUS-MATCHING SyncFIFO
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
CMOS TRIPLE BUS SyncFIFO
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
CMOS TRIPLE BUS SyncFIFO
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com