Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CT Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

MBR2045CT Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # MBR2045CT
Download  MBR2045CT Download
File Size   621.87 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description 20 to 100 Volts Forward Current -

MBR2045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2045CT Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MBR2045CT
Download  MBR2045CT Click to download

File Size   621.87 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description 20 to 100 Volts Forward Current -

MBR2045CT Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


MBR2045CT Product details

Reverse Voltage - 20 to 100 Volts Forward Current - 20.0 Amperes

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ Construction utilizes void-free
   molded plastic technique
♦ Low reverse leakage
♦ High forward surge current capability
♦ High temperature soldering guaranteed:
   250 °C,0.25”(6.35mm) from case for 10 seconds

MECHANICAL DATA
   Case: TO-220AB molded plastic body
   Terminals: Leads solderable per MIL-STD-750,
   Method 2026
   Polarity: As marked
   Mounting Position: Any
   Weight:0.08 ounce, 2.24 grams






Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2045CT DIODES-MBR2045CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2045CT GE-MBR2045CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2045CT MCC-MBR2045CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2045CT FAIRCHILD-MBR2045CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results


Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
100 to 600 Volts Forward Current - 10 Amperes
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 10 Amperes
MUR1610CT CHENDA-MUR1610CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 16 Amperes
MUR2010CT CHENDA-MUR2010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 20 Amperes
SF2010CT CHENDA-SF2010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 20 Amperes
SL210BF CHENDA-SL210BF Datasheet
881Kb / 2P
100 Volts Forward Current -
SL510BF CHENDA-SL510BF Datasheet
861Kb / 2P
100 Volts Forward Current -
MBRF820 CHENDA-MBRF820 Datasheet
622Kb / 2P
20 to 100 Volts Forward Current -
MBRF1020 CHENDA-MBRF1020 Datasheet
622Kb / 2P
20 to 100 Volts Forward Current -10.0 Amperes
logo
First Silicon Co., Ltd
SB520 FS-SB520 Datasheet
321Kb / 2P
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com