Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFM101 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

HFM101 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # HFM101
Download  HFM101 Download
File Size   140.86 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE

HFM101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFM101 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # HFM101
Download  HFM101 Click to download

File Size   140.86 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE

HFM101 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


HFM101 Product details

Features
● Glass passivated device
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 2 5 A Peak
● Low Power Loss
● Ultra-Fast Recovery Time
● Plastic Case Material has UL Flammability
● Classification Rating 94V-O




Similar Part No. - HFM101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM101 RECTRON-HFM101 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
HFM101 FORMOSA-HFM101 Datasheet
69Kb / 2P
Ultra fast recovery type
HFM101 FORMOSA-HFM101 Datasheet
36Kb / 2P
Chip Silicon Rectifier - Fast recovery type
logo
WILLAS ELECTRONIC CORP
HFM101 WILLAS-HFM101 Datasheet
596Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM101 TAYCHIPST-HFM101 Datasheet
3Mb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results


Similar Description - HFM101

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
US1AW ZSELEC-US1AW Datasheet
97Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
US1000FL ZSELEC-US1000FL Datasheet
150Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com