Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2D Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

GS2D Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # GS2D
Download  GS2D Download
File Size   106.85 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

GS2D Datasheet (PDF)

Go To PDF Page Download Datasheet
GS2D Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # GS2D
Download  GS2D Click to download

File Size   106.85 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

GS2D Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


GS2D Product details

Features
• Glass Passivated Die Construction
• Ideally Suited for Automatic Assembly
• Low Forward Voltage Drop
• Surge Overload Rating to 60A Peak
• Low Power Loss
• Built-in Strain Relief
• Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - GS2D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2D MCC-GS2D Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2D GULFSEMI-GS2D Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2D MCC-GS2D Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
GS2D CTC-GS2D Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Microdiode Semiconducto...
GS2D CHENDA-GS2D Datasheet
836Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Similar Description - GS2D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2KDF DIODES-S2KDF Datasheet
441Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 4
S2KDFQ DIODES-S2KDFQ Datasheet
350Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Sangdest Microelectroni...
S2A-M SMC-S2A-M Datasheet
176Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S2A ZSELEC-S2A Datasheet
113Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2ABF ZSELEC-S2ABF Datasheet
167Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AF ZSELEC-S2AF Datasheet
88Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AW ZSELEC-S2AW Datasheet
87Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF2A ZSELEC-GF2A Datasheet
74Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com