Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSMY99445DS Datasheet (PDF) - Vishay Siliconix

VSMY99445DS Datasheet PDF - Vishay Siliconix
Part # VSMY99445DS
Download  VSMY99445DS Download
File Size   310.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode

VSMY99445DS Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMY99445DS Datasheet PDF - Vishay Siliconix

Part # VSMY99445DS
Download  VSMY99445DS Click to download

File Size   310.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode

VSMY99445DS Datasheet (HTML) - Vishay Siliconix


VSMY99445DS Product details

• Package type: surface mount
• Double stack technology
• Package form: high power SMD with lens
• Dimensions (L x W x H in mm): 3.85 x 3.85 x 2.24
• Peak wavelength: λp = 940 nm
• Zener diode for ESD protection up to 2 kV
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 45°
• Designed for high drive currents: up to 1 A (DC) and up
to 5 A pulses
• Low thermal resistance: RthJP = 10 K/W
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering




Similar Part No. - VSMY99445DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY98145DS VISHAY-VSMY98145DS Datasheet
201Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
17-May-16
VSMY98145DS VISHAY-VSMY98145DS Datasheet
205Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
VSMY98145DS VISHAY-VSMY98145DS Datasheet
204Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
VSMY98145DS VISHAY-VSMY98145DS_V01 Datasheet
205Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
VSMY98145DS VISHAY-VSMY98145DS_V02 Datasheet
204Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
More results


Similar Description - VSMY99445DS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
Infrared-Emitting Diode
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
High Speed Infrared Emitting Diode
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
INFRARED EMITTING DIODE
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
INFRARED EMITTING DIODE
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
infrared emitting diode
logo
Vishay Siliconix
TSAL6100 VISHAY-TSAL6100_14 Datasheet
110Kb / 5P
High Power Infrared Emitting Diode
13-Mar-14
TSAL6400 VISHAY-TSAL6400_14 Datasheet
107Kb / 5P
High Power Infrared Emitting Diode
13-Mar-14
TSAL7200 VISHAY-TSAL7200_16 Datasheet
117Kb / 5P
High Power Infrared Emitting Diode
04-Jul-16
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
High Speed Infrared Emitting Diode
24-Jul-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com