Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15KPA Datasheet (PDF) - E-CMOS Corporation

15KPA Datasheet PDF - E-CMOS Corporation
Part # 15KPA
Download  15KPA Download
File Size   378.98 Kbytes
Page   3 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W

15KPA Datasheet (PDF)

Go To PDF Page Download Datasheet
15KPA Datasheet PDF - E-CMOS Corporation

Part # 15KPA
Download  15KPA Click to download

File Size   378.98 Kbytes
Page   3 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W

15KPA Datasheet (HTML) - E-CMOS Corporation




Similar Part No. - 15KPA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
POWER TVS COMPONENT
logo
Weitron Technology
15KPA WEITRON-15KPA Datasheet
231Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
15KPA MERITEK-15KPA Datasheet
281Kb / 4P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
15KPA RUILON-15KPA Datasheet
877Kb / 7P
Transient Voltage Suppressors
logo
StarHope
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
More results


Similar Description - 15KPA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
15KP17A MCC-15KP17A Datasheet
217Kb / 3P
15000 Watts Transient Voltage Suppressor 17 to 280 Volt
logo
StarHope
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
SMCJ E-CMOS-SMCJ Datasheet
761Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 1500 W
5.0SMDJ E-CMOS-5.0SMDJ Datasheet
417Kb / 5P
Working Voltage: 11 to 440 V Peak Pulse Power: 5000 W
5KP E-CMOS-5KP Datasheet
372Kb / 5P
Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com