Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3A Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

US3A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # US3A
Download  US3A Download
File Size   109.65 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3.0A SURFACE MOUNT ULTRAFAST DIODE

US3A Datasheet (PDF)

Go To PDF Page Download Datasheet
US3A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # US3A
Download  US3A Click to download

File Size   109.65 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3.0A SURFACE MOUNT ULTRAFAST DIODE

US3A Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


US3A Product details

Features
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 1 0 0A Peak
● Low Power Loss
● Ultra-Fast Recovery Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - US3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3A SSE-US3A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3A DIOTEC-US3A Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3A SEMIKRON-US3A Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3A DIOTEC-US3A Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3A SEMIKRON-US3A Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
More results


Similar Description - US3A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
3.0A ULTRAFAST DIODE
UF3A WTE-UF3A_06 Datasheet
56Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5404 GXELECTRONICS-UF5404 Datasheet
325Kb / 2P
3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGF3A ZSELEC-EGF3A Datasheet
115Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
UF3A ZSELEC-UF3A Datasheet
109Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
US3ABF ZSELEC-US3ABF Datasheet
96Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
US3AF ZSELEC-US3AF Datasheet
95Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
30BF05 ZSELEC-30BF05 Datasheet
162Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
MURS310 ZSELEC-MURS310 Datasheet
158Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT03-50 ZSELEC-SMBYT03-50 Datasheet
158Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com