Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1802 Datasheet (PDF) - NTE Electronics

NTE1802 Datasheet PDF - NTE Electronics
Part # NTE1802
Download  NTE1802 Download
File Size   31.93 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL

NTE1802 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1802 Datasheet PDF - NTE Electronics

Part # NTE1802
Download  NTE1802 Click to download

File Size   31.93 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL

NTE1802 Datasheet (HTML) - NTE Electronics


NTE1802 Product details

Description:

The NTE1802 is an integrated class–B output amplifier in a 13–Lead SIP type package. This device contains two identical amplifiers with different input stages which can be used for stereo or bridge applications. The gain of each amplifier is fixed at 20dB. A special feature of the NTE1802 is the mute/stand–by switch.



Features:

• Requires Few External Components

• High Output Power (With Bootstrap)

• Low Offset Voltage at Output

• Fixed Gain

• Good Ripple Rejection

• Mute/Stand–By Switch

• Load Dump Protection

• AC and DC Short–Circuit Safe

• Thermally Protected

• Reverse Polarity Safe

• Capability to handle High Energy on Outputs

• No Switch–On/Switch–Off Pop

• Flexible Leads

• Low Thermal Resistance

• Identical Inputs (Inverting and Non–Inverting)



 




Similar Part No. - NTE1802

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE180 NTE-NTE180 Datasheet
23Kb / 2P
Silicon Power Transistor High Power Audio Amplifier
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
Integrated Circuit TV Multiplex Sound Decoder
NTE1801 NTE-NTE1801 Datasheet
22Kb / 3P
Integrated Circuit TV dbx Noise Reduction System
NTE1803 NTE-NTE1803 Datasheet
35Kb / 5P
Integrated Circuit Stereo Audio Control
NTE1804 NTE-NTE1804 Datasheet
26Kb / 3P
Integrated Circuit Vertical Deflection Circuit for Large Screen TV
More results


Similar Description - NTE1802

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
Integrated Circuit Audio Amplifier, 24W BTL
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
12W AF Power Amplifier For Car Radio or Car Stereo
LA4465 SANYO-LA4465 Datasheet
143Kb / 3P
BTL-OCL 12W AF Power Amp For Car Stereo Use
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
NTE Electronics
NTE1602 NTE-NTE1602 Datasheet
78Kb / 2P
Integrated Circuit Power Amplifier for Car Radio, 19W
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com