Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-61270D-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-61270D-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-61270D-C1-R0_17
Download  ATS-61270D-C1-R0 Download
File Size   305.48 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description X-Cut straight fin heat sink fins offer omnidirectional air flow

ATS-61270D-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-61270D-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-61270D-C1-R0_17
Download  ATS-61270D-C1-R0 Click to download

File Size   305.48 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description X-Cut straight fin heat sink fins offer omnidirectional air flow

ATS-61270D-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-61270D-C1-R0 Product details

Features & Benefits
« X-Cut straight fin heat sink fins offer omnidirectional air flow
for optimum thermal performance independent of PCB lay-out
« Stainless steel screw fan attachment ensures dependable long-term
fan to heat sink assembly. 4-40 thread screws are supplied in four
lengths (1/2", 3/4", 7/8", 1"). Contact ATS for custom options available.
« Product hole pattern is 20 mm C-C (center to center)
« Component Attachment: ATS maxiGRIP™ is a proven high reliability
mechanical attachment syste
« Meets Telecordia GR-63-Core Office Vibration; ETSI 300 019
Transportation Vibration; and MIL-STD-810 Shock Testing and
Unpackaged Drop Testing Standards
« maxiGRIP™hardware includes a high performance plastic frame clip
and 300 Series stainless steel spring clip- avoiding PCB through holes
« Provided with pre-assembled Thermal Interface Material (TIM)
centered on base
« “Keep-Out” Requirements: An “Un-Populated” boarder zone of
5 mm around the component is necessary to facilitate the installation/
removal of the maxiGRIP™. Please refer to the maxiGRIP™ Keep-Out
Guidelines and Installation/Removal Instructions for further details




Similar Part No. - ATS-61270D-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61270D-C1-R0 ATS-ATS-61270D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
More results


Similar Description - ATS-61270D-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61310D-C1-R0 ATS-ATS-61310D-C1-R0_17 Datasheet
303Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61310R-C1-R0 ATS-ATS-61310R-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375W-C1-R0 ATS-ATS-61375W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61425K-C1-R0 ATS-ATS-61425K-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61425W-C1-R0 ATS-ATS-61425W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com