Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A391A Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A391A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A391A
Download  PI5A391A Download
File Size   311.19 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Bandwidth Quad Analog Switches

PI5A391A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A391A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A391A
Download  PI5A391A Click to download

File Size   311.19 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Bandwidth Quad Analog Switches

PI5A391A Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A391A Product details

Description

The PI5A391A/392A are monolithic analog switches designed for low-voltage, single-supply operation. These high-precision devices are ideal for low-distortion audio, video, signal switching and routing applications.

The PI5A391A is a quad single-pole single-throw (SPST), normally closed (NC) switch. The PI5A392A has four normally open (NO) switches.

Each switch conducts current equally well in either direction when on. When off they block voltages up to the power-supply rails.



Features

• Single-Supply Operation (+2V to +6V)

• Rail-to-Rail Analog Signal Range

• Low On-Resistance (6ohm typ @ 5V)

  Minimizes Distortion and Error Voltages

• RON Matching Between Channels, 0.4 ohm typ

• On-Resistance Flatness, 2ohm typ

• Low Charge Injection. Q=4pC typ.

  Reduces Step errors, “clicking, popping” noise

• High Speed. tON, 10ns typ

• Very Low Crosstalk: -72dB @ 30 MHz

• Wide -3dB Bandwidth: >200 MHz

• High-Current Channel Capability: >100mA

• TTL/CMOS Logic Compatible

• Low Power Consumption (0.5µW typ)

• Pin-compatible with DG3XX, DG4XX, MAX39X



Applications

• Audio, Video Switching and Routing

• Battery-Powered Communication Systems

• Computer Peripherals

• Telecommunications

• Portable Instrumentation

• Mechanical Relay Replacement



 




Similar Part No. - PI5A391A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A391AQ PERICOM-PI5A391AQ Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
PI5A391AW PERICOM-PI5A391AW Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
More results


Similar Description - PI5A391A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
Quad Analog Switches
logo
Hitachi Semiconductor
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
Quad Analog Switches/Quad Multiplexers
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
Quad. Analog Switches / Quad. Multiplexers
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Pericom Semiconductor C...
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
Wide Bandwidth Analog Switches
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
Quad Analog Switches/Quad Multiplexers
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
Quad. Analog Switches / Quad. Multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com