Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-51190D-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-51190D-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-51190D-C1-R0_17
Download  ATS-51190D-C1-R0 Download
File Size   314.6 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Designed for low profile components from 1.5 to 2.99mm

ATS-51190D-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-51190D-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-51190D-C1-R0_17
Download  ATS-51190D-C1-R0 Click to download

File Size   314.6 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Designed for low profile components from 1.5 to 2.99mm

ATS-51190D-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.




Similar Part No. - ATS-51190D-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51190D-C1-R0 ATS-ATS-51190D-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
More results


Similar Description - ATS-51190D-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51190K-C1-R0 ATS-ATS-51190K-C1-R0_17 Datasheet
314Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51330D-C1-R0 ATS-ATS-51330D-C1-R0_17 Datasheet
315Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51330K-C1-R0 ATS-ATS-51330K-C1-R0_17 Datasheet
315Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51400K-C1-R0 ATS-ATS-51400K-C1-R0_17 Datasheet
315Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
logo
Littelfuse
1.5SMCXXAT3G LITTELFUSE-1.5SMCXXAT3G Datasheet
767Kb / 5P
The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
1SMA5.0AT3G LITTELFUSE-1SMA5.0AT3G Datasheet
723Kb / 5P
The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
1SMA10CAT3G LITTELFUSE-1SMA10CAT3G Datasheet
733Kb / 5P
The 1SMA10CAT3G series is designed to protect voltage sensitive components from high voltage
1SMB10CAT3G LITTELFUSE-1SMB10CAT3G Datasheet
730Kb / 6P
The 1SMB10CAT3Gv series is designed to protect voltage sensitive components from high voltage
SMF5.0AT1G LITTELFUSE-SMF5.0AT1G Datasheet
849Kb / 5P
The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage
logo
Guangdong Youtai Semico...
ESD5B5.0ST1G UMW-ESD5B5.0ST1G Datasheet
304Kb / 3P
The ESD5B5.0ST1G Series is designed to protect voltage sensitive components from ESD.
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com