Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB751S-40 Datasheet (PDF) - Chip Integration Technology Corporation

RB751S-40 Datasheet PDF - Chip Integration Technology Corporation
Part # RB751S-40
Download  RB751S-40 Download
File Size   148.98 Kbytes
Page   3 Pages
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation
Description 30mA Surface Mount Small Signal Diodes

RB751S-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB751S-40 Datasheet PDF - Chip Integration Technology Corporation

Part # RB751S-40
Download  RB751S-40 Click to download

File Size   148.98 Kbytes
Page   3 Pages
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation
Description 30mA Surface Mount Small Signal Diodes

RB751S-40 Datasheet (HTML) - Chip Integration Technology Corporation


RB751S-40 Product details

■ Features
• Low current rectification and high speed switching.
• Extremely small surface mount type.
• Silicon epitaxial planar chip, metal silicon junction.
• Suffix "G" indicates Halogen-free part, ex.RB751SG-40.
• Lead-free parts meet environmental standards of
   MIL-STD-19500 /228

■ Mechanical data
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-523
• Terminals : Solder plated, solderable per
   MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.002 gram




Similar Part No. - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB751S-40 ROHM-RB751S-40 Datasheet
62Kb / 2P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB751S-40 TEL-RB751S-40 Datasheet
85Kb / 2P
Schottky barrier Diodes
logo
SEMTECH ELECTRONICS LTD...
RB751S-40 SEMTECH_ELEC-RB751S-40 Datasheet
218Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rohm
RB751S-40 ROHM-RB751S-40 Datasheet
195Kb / 4P
Schottky barrier diode
logo
Pan Jit International I...
RB751S-40 PANJIT-RB751S-40 Datasheet
86Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
More results


Similar Description - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
logo
Chip Integration Techno...
RB751D CITC-RB751D Datasheet
148Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751D-40 CITC-RB751D-40 Datasheet
148Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751G CITC-RB751G Datasheet
149Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751G-40 CITC-RB751G-40 Datasheet
149Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751S CITC-RB751S Datasheet
148Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751V CITC-RB751V Datasheet
160Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751V-40 CITC-RB751V-40 Datasheet
93Kb / 3P
30mA Surface Mount Small Signal Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com