Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE182 Datasheet (PDF) - NTE Electronics

NTE182 Datasheet PDF - NTE Electronics
Part # NTE182
Download  NTE182 Download
File Size   22.92 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose Amplifier, Switch

NTE182 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE182 Datasheet PDF - NTE Electronics

Part # NTE182
Download  NTE182 Click to download

File Size   22.92 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose Amplifier, Switch

NTE182 Datasheet (HTML) - NTE Electronics


NTE182 Product details

Description:

The NTE182 (NPN) and NTE183 (PNP) are silicon transistors in a TO127 type case designed for use in general purpose amplifier and switching applications.



Features:

• DC Current Gain Specified to 10A

• High Current Gain–Bandwidth Product: fT = 2MHz (Min) @ IC = 500mA



 




Similar Part No. - NTE182

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1820 NTE-NTE1820 Datasheet
31Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1822 NTE-NTE1822 Datasheet
21Kb / 2P
Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
Integrated Circuit Dual, DC Motor Driver
NTE1827 NTE-NTE1827 Datasheet
26Kb / 2P
Integrated Circuit VIF & SIF Circuit for TV/VCR
NTE1828 NTE-NTE1828 Datasheet
21Kb / 2P
Integrated Circuit Quad Transistor Array, 10k?
More results


Similar Description - NTE182

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE123A NTE-NTE123A Datasheet
33Kb / 4P
Silicon Complementary Transistors General Purpose
NTE16 NTE-NTE16 Datasheet
20Kb / 2P
Silicon Complementary Transistors Low Noise, General Purpose Amplifier
NTE2345 NTE-NTE2345 Datasheet
25Kb / 2P
Silicon Complementary Transistors General Purpose Darlington, Power Amplifier
NTE24 NTE-NTE24 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE2428 NTE-NTE2428 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose Switch
NTE287 NTE-NTE287 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage, General Purpose Amplifier
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
Silicon Complementary Transistors General Purpose
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
Silicon Complementary Transistors General Purpose
NTE90 NTE-NTE90 Datasheet
19Kb / 2P
Silicon Complementary Transistors General Purpose High Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com