Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1170P Datasheet (PDF) - Vishay Siliconix

T1170P Datasheet PDF - Vishay Siliconix
Part # T1170P
Download  T1170P Download
File Size   100.55 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

T1170P Datasheet (PDF)

Go To PDF Page Download Datasheet
T1170P Datasheet PDF - Vishay Siliconix

Part # T1170P
Download  T1170P Click to download

File Size   100.55 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

T1170P Datasheet (HTML) - Vishay Siliconix


T1170P Product details

• Package type: chip
• Package form: single chip
• Dimensions (L x W x H in mm): 1.17 x 1.17 x 0.28
• Radiant sensitive area (in mm2): 0.88
• Peak sensitivity wavelength: 920 nm
• High photo sensitivity
• Suitable for visible light and near infrared
radiation
• Fast response times
• Angle of half sensitivity: ϕ = ± 60°




Similar Part No. - T1170P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
T11722-01 HAMAMATSU-T11722-01_15 Datasheet
167Kb / 4P
For CO2 concentration measurement High sensitivity
logo
Vishay Siliconix
T1172P6 VISHAY-T1172P6 Datasheet
104Kb / 5P
Silicon PIN Photodiode
12-May-15
T1172P6-SD-F VISHAY-T1172P6-SD-F Datasheet
104Kb / 5P
Silicon PIN Photodiode
12-May-15
logo
Pulse A Technitrol Comp...
T1176 PULSE-T1176 Datasheet
154Kb / 8P
TRANSFORMERS
T1176NL PULSE-T1176NL Datasheet
154Kb / 8P
TRANSFORMERS
More results


Similar Description - T1170P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com