Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFBS4652 Datasheet (PDF) - Vishay Siliconix

TFBS4652 Datasheet PDF - Vishay Siliconix
Part # TFBS4652
Download  TFBS4652 Download
File Size   190.61 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)

TFBS4652 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFBS4652 Datasheet PDF - Vishay Siliconix

Part # TFBS4652
Download  TFBS4652 Click to download

File Size   190.61 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)

TFBS4652 Datasheet (HTML) - Vishay Siliconix


TFBS4652 Product details

• Compliant with the IrDA physical layer IrPHY 1.4
(low power specification, 9.6 kbit/s to
115.2 kbit/s)
• Link distance: 30 cm/20 cm full 15° cone with
standard or low power IrDA, respectively.
Emission intensity can be set by an external
resistor to increase the range to > 50 cm
• Typical transmission distance to standard device: 50 cm
• Small package (L x W x H in mm): 6.8 x 2.8 x 1.6
• Low current consumption 75 μA idle at 3.6 V
• Operates from 2.4 V to 3.6 V within specification over full
temperature range from -25 °C to +85 °C
• Split power supply, emitter can be driven by a separate
power supply not loading the regulated.
U.S. pat. no. 6,157,476
• Adjustable to logic I/O voltage swing from 1.5 V to 5.5 V
• Qualified for lead (Pb)-free and Sn/Pb processing (MSL4)




Similar Part No. - TFBS4652

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
TFBS4652 VISHAY-TFBS4652 Datasheet
226Kb / 11P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
17-Sep-09
TFBS4652 VISHAY-TFBS4652 Datasheet
347Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
21-Oct-2022
TFBS4652 VISHAY-TFBS4652 Datasheet
348Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
21-Oct-2022
TFBS4652-TR1 VISHAY-TFBS4652-TR1 Datasheet
220Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
More results


Similar Description - TFBS4652

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
26-Jan-04
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
28-May-08
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
16-Sep-09
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
17-Sep-09
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
21-Oct-2022
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
21-Oct-2022
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
21-Oct-2022
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
21-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com